Part Number Hot Search : 
CY7C13 AD8000 A2231 PBTR20 SVM1045V LC503 2SK134 P40NF
Product Description
Full Text Search
 

To Download MTKVF320A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTKH Series -SMD TCXO
Industry Standard Package Wide Frequency Range HCMOS, LVDS, or LVPECL Output RoHS Compliant Available
ELECTRICAL SPECIFICATIONS:
Frequency Range Frequency Stability Operating Temp.Range Storage Temp. Range Aging Logic "0" Logic "1" Supply Voltage (Vdd) +2.5VDC 5% Supply Current +3.3VDC 5% Symmetry (50% of waveform) Rise / Fall Time (20% to 80%) Load Start Time Tri-State Operation Control Voltage (Vc) Option +2.5VDC +3.3VDC HCMOS 10.000MHZ to 200.000MHZ LVDS LVPECL 75.000MHZ to 1.000GHZ
(See Part Number Guide for Options) (See Part Number Guide for Options) -55C to +125C 5 ppm / yr max 10% of Vdd max 1.43V typ Vdd - 1.620 VDC max 90% of Vdd min 1.10V typ Vdd- 1.025 vdc min 65mA max 50 mA max 50 mA max 65mA max 60 mA max 60 mA max (See Part Number Guide for Options) 2nSec max < 100.000MHZ / 1.5nSec 100.000MHZ 50 Ohms into 100 10k // 15pF Vdd-2.00 VDC 10mSec max Voh = 70% of Vdd min or No Connection to Enable Output Vol = 30% max or grounded to Disable Output (High Impedance) 10 ppm with Vc = +1.25VDC 1.00VDC, Positive Slope 10 ppm with Vc = +1.65VDC 1.50VDC, Positive Slope
PART NUMBER GUIDE:
MTK Frequency
Frequency Stability 10 = 1.0 ppm 15 = 1.5 ppm 20 = 2.0 ppm 25 = 2.5 ppm 30 = 3.0 ppm 50 = 5.0 ppm
Operating Temperature A = 0C to + 50C C = -20C to +70C D = -30C to +70C E = -30C to +80C F = -40C to +85C G = 0C to +70C Frequency Adjust Option Blank = No connection V = Voltage Control M = Mechanial Trimmer
Output H =HCMOS L = LVPECL V = LVDS RoHS Compliant Blank = Not Compliant F = is Compliant Supply Voltage 2 = +2.5 VDC 3 = +3.3 VDC
Please Consult with MMD Sales Department for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com
Specifications subject to change without notice
Revision MTKH012308A
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Code A G C D E F Stability Temp 0C TO +50C 0C TO +70C -20C TO +70C -30C TO +70C -30C TO +80C -40C TO +85C = Available 15 1.5ppm 20 2.0ppm 25 30 50 2.5ppm 3.0ppm 5.0ppm = Consult with the Manufacturer
MECHANICAL DIMENSIONS:
10.16 [.400] 7.11 [.280] 6.35 [.250] 3 2 1 1.02 [.040] 1.27 [.050] 6.10 [.240] TRIMMER ACCESS OPTION
DIMENSION IN BRACKETS ARE IN INCHES TOLERANCE: 0.25 [.010] RECOMMENDED LAND PATTERN EXTERNAL BYPASS CAPACITOR IS RECOMMENDED UNIT IS NOT HERMETICALLY SEALED
14.73 [.580]
4 5 6
Pin 1 5.08 [.200] 5.08 [.200] Pin Pin Pin Pin Pin 2 3 4 5 6
2.54 [.100] 2.54 [.100]
Pin Connections No Connection or Voltage Control Enable / Disable Case Ground Output Comp Output Suppy Voltage (Vcc)
ENVIRONMENT / MECHANICAL:
Shock Solderability Solvent Resistance Vibration MIL-STD-883, Method 2002, Condition B MIL-STD-883, Method 2003 MIL-STD-883, Method 215 MIL-STD-883, Method 2007, Condition A
MARKING DETAIL:
Line 1 = MXXXXX M = XXXXX = MMD COMPONENTS Frequency in MHZ
MXXXXX SYYWWL XXXXX
1.52 [.060]
MXXXXX SYYWWL XXXXX
Line 2 = SYYMML S = Internal Code YYMM = 4 Digit Date Code (Year / Month) L = Denotes RoHS Compliant Line 3 = XXXXX Internal use only May vary with lots
Black dot to denote Pin 1
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com
Specifications subject to change without notice
Revision MTKH012308A


▲Up To Search▲   

 
Price & Availability of MTKVF320A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X